Part Number Hot Search : 
P2504 PFS704 CXA13 100LS PT3642 30LT1 AA100 AT24C128
Product Description
Full Text Search
 

To Download BD0810J50100A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model BD0810J50100A00
Rev C
Ultra Low Profile 0805 Balun 50 to 100 Balanced
Description
The BD0810J50100A00 is a low profile sub-miniature balanced to unbalanced transformer designed for differential inputs and output locations on next generation wireless chipsets in an easy to use surface mount package covering the GSM frequency. The BD0810J50100A00 is ideal for high volume manufacturing and is higher performance than traditional ceramic and lumped element baluns. The BD0810J50100A00 has an unbalanced port impedance of 50 and a 100 balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern semiconductors. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD0810J50100A00 is available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25C)
Features:
* * * * * * * * * * 800 - 1000 MHz 0.7mm Height Profile 50 Ohm to 2 x 50 Ohm GSM Low Insertion Loss Input to Output DC Isolation Surface Mountable Tape & Reel Non-conductive Surface RoHS Compliant
Parameter Frequency Unbalanced Port Impedance Balanced Port Impedance Return Loss Insertion Loss* Amplitude Balance Phase Balance CMRR Power Handling Operating Temperature
Min. 800
Typ. 50 100 15 0.70 0.2 1 39
Max 1000
Unit MHz
13
0.95 0.4 2 2 +85
-55
dB dB dB Degrees dB Watts C
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 C)
Outline Drawing
Top View (Near-side) .079.004 [2.000.10] Side View Bottom View (Far-side) .026 [0.65] .027.002 [0.700.05] .039 [0.98] .049.004 [1.250.10] Orientation Marker Denotes Pin Location Orientation Marker Denotes Pin Location 6 5 6X .012 [0.30] 4 6X .009 [0.22] 1 2 3
Dimensions are in Inches [Millimeters] Mechanical Outline
Pin Designation 1 Unbalanced Port 2 GND / DC Feed + RF GND 3 Balanced Port 4 Balanced Port 5 GND 6 NC
Tolerances are Non-Cumulative
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD0810J50100A00
Rev. C
Typical Broadband Performance: 0 GHz. to 8.5 GHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
[dB]
Amplitude Balance
2 1.5 1 0.5 0 -0.5 -1 -1.5 -2
-18 -21 -24 -27 -30 -33 -36 1000 2000 5000 6000 500 3500 4500 7500 8500 1500 2500 3000 4000 5500 6500 7000 8000
500
3000
7500
1500
2500
3500
4000
4500
5000
6000
7000
Frequency [MHz]
Frequency [MHz]
Insertion Loss
0 -5
Phase Balance
20 15 10
-10
[dB]
5
deg
-15 -20 -25
0 -5 -10 -15
-30 500 1000 2000 5000 6000 1500 2500 3000 3500 4000 4500 5500 6500 7000 7500 8000 8500
-20 500 3500 4500 7500 8500 1000 1500 2000 2500 3000 4000 5000 5500 6000 6500 7000 8000
Frequency [MHz]
Frequency [MHz]
CMRR
0 -5 -10 -15 -20
[dB]
-25 -30 -35 -40 -45 -50 4000 5500 7000 8500 500 1500 3000 4500 6000 7500 1000 2000 2500 3500 5000 6500 8000
Frequency [MHz]
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
8500
1000
2000
5500
6500
8000
Model BD0810J50100A00
Rev C
Typical Performance: 700 MHz. to 1100 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Amplitude Balance
2 1.5 1 0.5
[dB]
-18 -21 -24 -27 -30 -33 -36 800 700 900 1000 1100
0 -0.5 -1 -1.5 -2 700 800 900 1100
1100
Frequency [MHz]
Frequency [MHz]
Insertion Loss
0 -0.3 -0.6 -0.9 -1.2 -1.5
[dB]
Phase Balance
20 15 10 5
deg
-1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 700 800 900 1000 1100
0 -5 -10 -15 -20 800 700 900 1000
Frequency [MHz]
Frequency [MHz]
CMRR
0 -5 -10 -15 -20
[dB]
-25 -30 -35 -40 -45 -50 900 1100 700 800 1000
Frequency [MHz]
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
1000
Model BD0810J50100A00
Rev. C
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical o and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/ C. An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. No Bias Footprint DC Bias Footprint
6X .014 [0.35]
4X .012 [0.30] Part Orientation (Top View)
6X .016 [0.35]
DC Bias
Part Orientation (Top View)
6X .011 [0.27]
.029 [0.73]
6X .013 [0.33]
.026 [0.66]
6X .002 [0.05]
6X .002 [0.05]
Plated thru hole to ground
3X Transmission Line Circuit Pattern Footprint Pad (s) Solder Resist
3X Transmission Line Circuit Pattern
Dimensions are in Inches [Millimeters] 0805 Standard Mounting Footprint
4X .012 [0.30] Plated thru hole to ground Dimensions are in Inches [Millimeters] 0805 DC Bias Mounting Footprint
Footprint Pad (s) Solder Resist
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model BD0810J50100A00
Rev C
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information.
OA
OC
OD
QUANTITY/REEL
4000
TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] 2.0 [50.8] OC OD 0.512 [13.0]
B
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD0810J50100A00
Rev. C
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of BD0810J50100A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X